PART |
Description |
Maker |
PE7396-4 |
dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7396-5 |
5 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7396-10 |
10 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7009-30-16 |
30 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
|
Pasternack Enterprises,...
|
ATT-218F-52-NNN-02 ATT-218M-02-NNN-02 ATT-218M-52- |
0 MHz - 12400 MHz RF/MICROWAVE FIXED ATTENUATOR STAINLESS STEEL 0 MHz - 18000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 8000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
Central Technologies / CT Magnetics Bourns, Inc. Abracon, Corp. M/A-COM Technology Solutions, Inc.
|
HFR-PAT0510SLF-C-0-B HFR-PAT0510SLF-C-0-T HFR-PAT0 |
High Frequency Surface Mount Attenuators 0 MHz - 3000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 10000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
IRC - a TT electronics Company. INTERNATIONAL RESISTIVE CO INC
|
PE4302 PE4302-00 PE4302-01 PE4302-02 PE4302-52 PE4 |
50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ 50欧姆射频数字衰减6位,31.5分贝,直.0千兆 50 OHM RF Digital Attenuator 6-bit 31.5 dB DC-4.0 GHZ
|
Electronic Theatre Controls, Inc. PEREGRINE[Peregrine Semiconductor Corp.] ETC[ETC]
|
DPAT-025075060-08 DAT-01200140 |
2500 MHz - 7500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 34 X 34 MM, 12.7 MM HEIGHT, 2 PIN 1200 MHz - 1400 MHz RF/MICROWAVE FIXED ATTENUATOR, 5 dB INSERTION LOSS-MAX
|
MITEQ, Inc. MITEQ INC
|
1504 1504SERIES 1504-600F 1504-80B 1504-80C 1504-7 |
FIXED DIP DELAY LINE TD/TR = 5 Delay 20 /-1.0 ns, Fixed dip delay line Td/Tr=5 Delay 60 /-3 ns, Fixed dip delay line Td/Tr=5 Delay 800 /-40 ns, Fixed dip delay line Td/Tr=5 Delay 40 /-2 ns, Fixed dip delay line Td/Tr=5 Delay 400 /-20 ns, Fixed dip delay line Td/Tr=5 Delay 750 /-37.5 ns, Fixed dip delay line Td/Tr=5 Delay 225 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 140 /-7 ns, Fixed dip delay line Td/Tr=5 Delay 100 /-5 ns, Fixed dip delay line Td/Tr=5 Delay 220 /-11 ns, Fixed dip delay line Td/Tr=5 Delay 380 /-19 ns, Fixed dip delay line Td/Tr=5 Delay 480 /-24 ns, Fixed dip delay line Td/Tr=5 Delay 120 /-6 ns, Fixed dip delay line Td/Tr=5 Delay 150 /-7.5 ns, Fixed dip delay line Td/Tr=5 Delay 450 /-22.5 ns, Fixed dip delay line Td/Tr=5 Delay 75 /-3.8 ns, Fixed dip delay line Td/Tr=5 Delay 360 /-18 ns, Fixed dip delay line Td/Tr=5 Delay 25 /-1.3 ns, Fixed dip delay line Td/Tr=5 Delay 250 /-12.5 ns, Fixed dip delay line Td/Tr=5 Fixed passive DIP delay line PASSIVE DELAY LINE, TRUE OUTPUT, DIP16 Delay 160 /-8 ns, Fixed dip delay line Td/Tr=5 Delay 375 /-18.8 ns, Fixed dip delay line Td/Tr=5 Delay 50 /-2.5 ns, Fixed dip delay line Td/Tr=5 Delay 320 /-16 ns, Fixed dip delay line Td/Tr=5 Delay 90 /-4.5 ns, Fixed dip delay line Td/Tr=5 Delay 45 /-2.3 ns, Fixed dip delay line Td/Tr=5 Delay 1000 /-50 ns, Fixed dip delay line Td/Tr=5 Delay 10 /-1 ns, Fixed dip delay line Td/Tr=5 Delay 125 /-6.3 ns, Fixed dip delay line Td/Tr=5 Delay 30 /-1.5 ns, Fixed dip delay line Td/Tr=5 Delay 180 /-9 ns, Fixed dip delay line Td/Tr=5 Delay 500 /-25 ns, Fixed dip delay line Td/Tr=5 Delay 300 /-15 ns, Fixed dip delay line Td/Tr=5 Delay 200 /-10 ns, Fixed dip delay line Td/Tr=5 Delay 240 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 80 /-4 ns, Fixed dip delay line Td/Tr=5 Delay 600 /-30 ns, Fixed dip delay line Td/Tr=5
|
Data Delay Devices, Inc... DATA DELAY DEVICES INC
|
58-6-33 45-3-33 |
0 MHz - 5000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 1500 MHz RF/MICROWAVE FIXED ATTENUATOR
|
|
HFR-PAT1220-2-C-T5 HFR-PAT1220-20-C-T1 HFR-PAT1220 |
0 MHz - 10000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 3000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
INTERNATIONAL RESISTIVE CO INC
|